PART |
Description |
Maker |
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
UPD784935AGF-XXX-3BA UPD784935AGF-XXX-3BA-A UPD784 |
16-bit single-chip microcomputer 78K/4 Series(IEBus(TM)Controller on chip)
|
NEC
|
RX78K4 US3K15RX78K4-XXX US3M15RX78K4-XXX US5A10RX7 |
78K/4 series realtime OS
|
NEC
|
EP-78012GK-R |
78K/0 series emulation probe
|
NEC
|
EP-78064 EP-78064GC-R EP-78064GF-R |
78K/0 series emulation probe
|
NEC
|
IE-789831-NS-EM1 |
78K/0S series in-circuit emulator emulation board
|
NEC
|
IE-789418-NS-EM1 |
78K/0S series in-circuit emulator emulation board
|
NEC
|
IE-789882-NS-EM1 |
78K/0S series in-circuit emulator emulation board
|
NEC
|
ADG3242BCZ-SF3 ADG3242BRJZ-REEL7 ADG324206 ADG3242 |
2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial 3242 SERIES, 2-BIT DRIVER, TRUE OUTPUT, PDSO8 2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
|
Analog Devices, Inc.
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
FST34X2245QSPXNL FST34X2245_05 FST34X2245 FST34X22 |
32-Bit Bus Switch with 25 Ohm Series Resistor in Outputs 32-Bit Bus Switch with 25ohm Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PDSO80
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|